Part Number Hot Search : 
RAC324D TC4066 5F212 1KAB05E AD600A STV6434D LC66354V SNC11205
Product Description
Full Text Search
 

To Download LBSS138LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Power MOSFET 200 mAmps, 50 Volts
N-Channel SOT-23
Typical applications are dc-dc converters, power management in portable and battery-powered products such as computers, printers, PCMCIA cards, cellular and cordless telephones. Low Threshold Voltage (V GS(th): 0.5V...1.5V) makes it ideal for low voltage applications
LBSS138LT1
3
1 2
*
* Miniature SOT-23 Surface Mount Package saves board space * Pb-Free Package May be Available. The G-Suffix Denotes a
Pb-Free Lead Finish
SOT- 23 (TO-236AB)
200 mAMPS 50 VOLTS R DS(on) = 3.5 W
N - Channel 3 Unit Vdc Vdc mA ID IDM PD TJ, Tstg RJA TL 200 800 225 - 55 to 150 556 260 mW C C/W C J1 W
1 2
1
MAXIMUM RATINGS (TA = 25 o C unless otherwise noted)
Rating Drain-to-Source Voltage Gate-to-Source Voltage - Continuous Drain Current - Continuous @ TA = 25C - Pulsed Drain Current (tp 10 s) Total Power Dissipation @ TA = 25C Operating and Storage Temperature Range Thermal Resistance - Junction-to-Ambient Maximum Lead Temperature for Soldering Purposes, for 10 seconds Symbol VDSS VGS Value 50 20
2
MARKING DIAGRAM & PIN ASSIGNMENT
Drain
3
Gate
Source J1 = Device Code W = Work Week
ORDERING INFORMATION
Device LBSS138LT1 LBSS138LT1G Package SOT-23 SOT-23 Shipping 3000 Tape & Reel 3000 Tape & Reel
LBSS138LT1-1/5
LESHAN RADIO COMPANY, LTD.
LBSS138LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (VGS = 0 Vdc, ID = 250 Adc) Zero Gate Voltage Drain Current (VDS = 25 Vdc, VGS = 0 Vdc) (VDS = 50 Vdc, VGS = 0 Vdc) Gate-Source Leakage Current (VGS = 20 Vdc, VDS = 0 Vdc) ON CHARACTERISTICS (Note 1.) Gate-Source Threshold Voltage (VDS = VGS, ID = 1.0 mAdc) Static Drain-to-Source On-Resistance (VGS = 2.75 Vdc, ID < 200 mAdc, TA = -40C to +85C) (VGS = 5.0 Vdc, ID = 200 mAdc) Forward Transconductance (VDS = 25 Vdc, ID = 200 mAdc, f = 1.0 kHz) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Transfer Capacitance (VDS = 25 Vdc, VGS = 0, f = 1 MHz) (VDS = 25 Vdc, VGS = 0, f = 1 MHz) (VDG = 25 Vdc, VGS = 0, f = 1 MHz) Ciss Coss Crss - - - 40 12 3.5 50 25 5.0 pF VGS(th) rDS(on) - - gfs 100 5.6 - - 10 3.5 - mmhos 0.5 - 1.5 Vdc Ohms V(BR)DSS IDSS - - IGSS - - - - 0.1 0.5 0.1 Adc 50 - - Vdc Adc Symbol Min Typ Max Unit
SWITCHING CHARACTERISTICS (Note 2.) Turn-On Delay Time Turn-Off Delay Time (VDD = 30 Vdc, ID = 0.2 Adc,) 1. Pulse Test: Pulse Width 300 s, Duty Cycle 2%. 2. Switching characteristics are independent of operating junction temperature. td(on) td(off) - - - - 20 20 ns
LBSS138LT1-2/5
LESHAN RADIO COMPANY, LTD.
LBSS138LT1
TYPICAL ELECTRICAL CHARACTERISTICS
0.8 I D , DRAIN CURRENT (AMPS) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 1 2 3 4 5 6 7 8 9 10 0.9 0.8 I D , DRAIN CURRENT (AMPS) VGS = 3.25 V VGS = 3.0 V VGS = 2.75 V VGS = 2.5 V 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
TJ = 25C
VGS = 3.5 V
VDS = 10 V -55C
25C
150C
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On-Region Characteristics
2.2 2 1.8 1.6 1.4 1.2 1 0.8 0.6 -55 -5 45 95 145 0.75 -55 -30 VGS = 4.5 V ID = 0.5 A VGS = 10 V ID = 0.8 A 1.25
Figure 2. Transfer Characteristics
RDS(on) , DRAIN-TO-SOURCE RESISTANCE (NORMALIZED)
ID = 1.0 mA Vgs(th) , VARIANCE (VOLTS) 1.125
1
0.875
-5
20
45
70
95
120
145
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 3. On-Resistance Variation with Temperature
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 10 8 6 4 ID = 200 mA 2 0 VDS = 40 V TJ = 25C
Figure 4. Threshold Voltage Variation with Temperature
0
500
1000
1500
2000
2500
3000
QT, TOTAL GATE CHARGE (pC)
Figure 5. Gate Charge
LBSS138LT1-3/5
LESHAN RADIO COMPANY, LTD.
LBSS138LT1
TYPICAL ELECTRICAL CHARACTERISTICS
RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS) RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS) 10 9 8 7 6 5 4 3 2 1 0 0.05 0.1 0.15 0.2 0.25 -55C 25C 8 7 6 5 4 3 2 1 0 0.05 0.1 0.15 0.2 25C -55C 0.25
VGS = 2.5 V 150C
VGS = 2.75 V 150C
ID, DRAIN CURRENT (AMPS)
ID, DRAIN CURRENT (AMPS)
Figure 6. On-Resistance versus Drain Current
RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS) RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS) 6 5.5 5 4.5 4 3.5 3 2.5 2 1.5 1 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 -55C 25C 4.5 4 3.5 3 2.5 2 1.5 1
Figure 7. On-Resistance versus Drain Current
VGS = 4.5 V 150C
VGS = 10 V
150C
25C
-55C 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5
ID, DRAIN CURRENT (AMPS)
ID, DRAIN CURRENT (AMPS)
Figure 8. On-Resistance versus Drain Current
Figure 9. On-Resistance versus Drain Current
1 I D , DIODE CURRENT (AMPS)
120 100
0.1
TJ = 150C
25C
-55C
80 60
0.01
40 20
Ciss Coss Crss 0 5 10 15 20 25
0.001
0
0.2
0.4
0.6
0.8
1.0
1.2
0
VSD, DIODE FORWARD VOLTAGE (VOLTS)
Figure 10. Body Diode Forward Voltage
Figure 11. Capacitance
LBSS138LT1-4/5
LESHAN RADIO COMPANY, LTD.
LBSS138LT1
SOT-23
NOTES:
A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
PIN 1. BASE 2. EMITTER 3. COLLECTOR
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
LBSS138LT1-5/5


▲Up To Search▲   

 
Price & Availability of LBSS138LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X